|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PTN78000A - 1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PTN78000W | 1.5-A WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| PT5521 | 1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator | 1 2 3 4 5 More | Texas Instruments |
| PTN78020W | 6-A WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| PTN78060W | 3-A WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| PTH08080W | 2.25-A WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| L6902D | UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT | 1 2 3 4 5 More | STMicroelectronics |
| SLTS102A | 14-A 12V-Input Adjustable Integrated Switching Regulator | 1 2 3 4 5 More | Texas Instruments |
| PT6400 | 3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR | 1 2 3 4 5 | Texas Instruments |
| PT6420 | 3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR | 1 2 3 4 5 | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 |
Link URL |
|
|