Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX7839 Datasheet (PDF) - Maxim Integrated Products

MX7839 Datasheet PDF - Maxim Integrated Products
Part # MX7839
Download  MX7839 Download

File Size   374.73 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Octal, 13-Bit Voltage-Output DAC with Parallel Interface

MX7839 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX7839 Datasheet PDF - Maxim Integrated Products

Part # MX7839
Download  MX7839 Click to download

File Size   374.73 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Octal, 13-Bit Voltage-Output DAC with Parallel Interface

MX7839 Datasheet (HTML) - Maxim Integrated Products

Back Button MX7839 Datasheet HTML 1Page - Maxim Integrated Products MX7839 Datasheet HTML 2Page - Maxim Integrated Products MX7839 Datasheet HTML 3Page - Maxim Integrated Products MX7839 Datasheet HTML 4Page - Maxim Integrated Products MX7839 Datasheet HTML 5Page - Maxim Integrated Products MX7839 Datasheet HTML 6Page - Maxim Integrated Products MX7839 Datasheet HTML 7Page - Maxim Integrated Products MX7839 Datasheet HTML 8Page - Maxim Integrated Products MX7839 Datasheet HTML 9Page - Maxim Integrated Products MX7839 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MX7839 Product details

General Description
The MX7839 contains eight 13-bit, voltage-output digital-to-analog converters (DACs). On-chip precision output amplifiers provide the voltage outputs. The device operates from ±15V supplies. Its bipolar output voltage swing is ±10V and is achieved with no external components. The MX7839 has three pairs of differential reference inputs; two of these pairs are connected to two DACs each, and a third pair is connected to four DACs. The references are independently controlled, providing different full-scale output voltages to the respective DACs.

Features
♦ Full 13-Bit Performance without Adjustments
♦ Eight DACs in a Single Package
♦ Buffered Voltage Outputs
♦ Unipolar or Bipolar Voltage Swing to ±10V
♦ 31µs Output Settling Time
♦ Low Power Consumption: 8mA (typ)
♦ Small 44-Pin MQFP Package
♦ Double-Buffered Digital Inputs
♦ Asynchronous Load Updates All DACs Simultaneously
♦ Asynchronous CLR Forces All DACs to DUTGND_ _ Potential

Applications
    Automatic Test Equipment (ATE)
    Industrial Process Controls
    Arbitrary Function Generators
    Avionics Equipment
    Minimum Component Count Analog Systems
    Digital Offset/Gain Adjustment
    SONET Applications



Similar Part No. - MX7839

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7837 MAXIM-MX7837 Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AN MAXIM-MX7837AN Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AQ MAXIM-MX7837AQ Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AR MAXIM-MX7837AR Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837BN MAXIM-MX7837BN Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
More results


Similar Description - MX7839

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com