|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPG2118K - NECs 1.5W GaAs MMIC POWER AMPLIFIER - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| XP1018 | 35.0-45.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| MRFIC1818 | 1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 More | Motorola, Inc |
| HMC414MS8G | GaAs InGaP HBT MMIC POWER AMPLIFIER 2.2 - 2.8 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| XP1000 | 17.0-24.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| HMC383LC4 | GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER 12 - 30 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC415LP3 | GaAs InGaP HBT MMIC POWER AMPLIFIER 4.9 - 5.9 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC459 | GaAs PHEMT MMIC POWER AMPLIFIER DC - 18.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| CGY81 | GaAs MMIC Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones | 1 2 3 4 5 More | Siemens Semiconductor Group |
| AA032P1-00 | 30-36 GHz GaAs MMIC Power Amplifier | 1 2 | Alpha Industries |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|