|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PIP401 - OR-ing Intelligent Switch - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| L6375 | 0.5A INDUSTRIAL INTELLIGENT POWER SWITCH | 1 2 3 4 5 More | STMicroelectronics |
| TDE1798 | 0.5A INTELLIGENT POWER SWITCH | 1 2 3 4 5 More | STMicroelectronics |
| TLE4211 | Intelligent Double Low-Side Switch 2 x 2 A | 1 2 3 4 5 More | Siemens Semiconductor Group |
| L6376 | 0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH | 1 2 3 4 5 More | STMicroelectronics |
| TDE1890 | 2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH | 1 2 3 4 5 More | STMicroelectronics |
| TLE4214G | Intelligent Double Low-Side Switch 2 x 0.5 A | 1 2 3 4 5 More | Siemens Semiconductor Group |
| IPS1011 | INTELLIGENT POWER LOW SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
| L6377 | 0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH | 1 2 3 4 5 More | STMicroelectronics |
| TDE1897C | 0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH | 1 2 3 4 5 More | STMicroelectronics |
| TLE4216G | Intelligent Sixfold Low-Side Switch | 1 2 3 4 5 More | Siemens Semiconductor Group |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|