Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5394 Datasheet (PDF) - NTE Electronics

NTE5394 Datasheet PDF - NTE Electronics
Part # NTE5394
Download  NTE5394 Download

File Size   20.73 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Bridge Rectifier, 35A

NTE5394 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE5394 Datasheet PDF - NTE Electronics

Part # NTE5394
Download  NTE5394 Click to download

File Size   20.73 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Bridge Rectifier, 35A

NTE5394 Datasheet (HTML) - NTE Electronics

NTE5394 Datasheet HTML 1Page - NTE Electronics NTE5394 Datasheet HTML 2Page - NTE Electronics

NTE5394 Product details

Features:
● Low Leakage
● Low Forward Voltage
● High Forward Surge Current Capability
● Surge Overload Rating: 300A Peak
● Mounting Position: Any
   




Similar Part No. - NTE5394

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE53 NTE-NTE53 Datasheet
26Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE53016 NTE-NTE53016 Datasheet
66Kb / 2P
   Silicon Bridge Rectifier, 50A
NTE53020 NTE-NTE53020 Datasheet
66Kb / 2P
   Silicon Bridge Rectifier, 50A
NTE5304 NTE-NTE5304 Datasheet
17Kb / 2P
   Silicon Bridge Rectifier, 1.5A
NTE5307 NTE-NTE5307 Datasheet
17Kb / 2P
   Silicon Bridge Rectifier, 1.5A
More results


Similar Description - NTE5394

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
GBJ3504A FUTUREWAFER-GBJ3504A Datasheet
829Kb / 4P
   35A Bridge Rectifier
logo
Vicor Corporation
05963 VICOR-05963 Datasheet
50Kb / 1P
   BRIDGE RECTIFIER, 600V, 35A
logo
TAITRON Components Inco...
GBPC35-005 TAITRON-GBPC35-005 Datasheet
152Kb / 4P
   35A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBPC35005 DIODES-GBPC35005 Datasheet
70Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. H-2
GBJ3510 DIODES-GBJ3510 Datasheet
175Kb / 4P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
MP35S NELLSEMI-MP35S Datasheet
268Kb / 3P
   Single-Phase Bridge Rectifier, 35A
logo
Zibo Seno Electronic En...
GBJ35005 ZSELEC-GBJ35005 Datasheet
157Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC35P WTE-KBPC35P Datasheet
55Kb / 4P
   35A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC35005 DIODES-GBPC35005_1 Datasheet
376Kb / 3P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. 10 - 2
logo
Naina Semiconductor ltd...
36MT NAINA-36MT Datasheet
217Kb / 2P
   Three Phase Bridge Rectifier, 35A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com