|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KGL4216 - 10-Gbps T-Flip Flop IC 0.2μm Gate Length GaAs MESFET Technology - OKI electronic componets |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KGL4205 | 10-Gbps D-Flip Flop IC 0.2μm Gate Length GaAs MESFET Technology | 1 2 3 4 5 More | OKI electronic componets |
| KGL4203 | 10-Gbps EXOR/NOR IC 0.2μm Gate Length GaAs MESFET Technology | 1 2 3 4 5 More | OKI electronic componets |
| KGL4215 | 10-Gbps Decision Circuit 0.2μm Gate Length GaAs MESFET Technology | 1 2 3 4 5 More | OKI electronic componets |
| NE25137 | GENERAL PURPOSE DUAL GATE GAAS MESFET | 1 2 3 4 5 | NEC |
| NEZ1011-8E | 8W X Ku-BAND POWER GaAs MESFET | 1 2 3 4 5 More | NEC |
| CF004 | GaAs Pseudomorphic HEMT and MESFET Chips | 1 2 3 4 5 | Mimix Broadband |
| TC7MET138AFK | Advanced High Speed CMOS 3-to-8 line Decoder Fabricated with Silicon Gate CMOS Technology | 1 2 3 4 5 More | Toshiba Semiconductor |
| CF005 | Broadband Power GaAs MESFET Chips | 1 2 3 4 5 | Mimix Broadband |
| MC74HC1G04 | High speed CMOS inverter fabricated with silicon gate CMOS technology | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|