|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
400ST160 - Air Ultrasonic Ceramic Transducers - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TC40-18D | AIR ULTRASONIC SENSOR | 1 | List of Unclassifed Manufacturers |
| EFRRUB40K5 | Ultrasonic Ceramic Sensors | 1 2 3 4 5 | Panasonic Semiconductor |
| 1N6506 | MONOLITHIC AIR ISOLATED DIODE ARRAY | 1 | Microsemi Corporation |
| KGF1305T | Power FET Ceramic Package Type | 1 2 3 4 5 More | OKI electronic componets |
| 2N2907ACSM | HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS | 1 2 | Seme LAB |
| 2N5415CSM4 | PNP PLANAR EPITAXIAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS | 1 2 | Seme LAB |
| IP137MAHV-LCC4 | 0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE | 1 2 | Seme LAB |
| CFU455B2 | CERAMIC FILTERS | 1 2 | List of Unclassifed Manufacturers |
| HFCN-650 | Ceramic High Pass Filter 850 to 2490 MHz | 1 | Mini-Circuits |
| HFTC-16 | Ceramic High Pass Filter 1900 to 2700 MHz | 1 | Mini-Circuits |
Datasheet Page |
1 2 |
Link URL |
|
|