Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MON35W42 Datasheet (PDF) - SMSC Corporation

MON35W42 Datasheet PDF - SMSC Corporation
Part # MON35W42
Download  MON35W42 Download

File Size   213.4 Kbytes
Page   60 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Hardware Monitoring IC with Thermal Diode Interface

MON35W42 Datasheet (PDF)

Go To PDF Page Download Datasheet
MON35W42 Datasheet PDF - SMSC Corporation

Part # MON35W42
Download  MON35W42 Click to download

File Size   213.4 Kbytes
Page   60 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Hardware Monitoring IC with Thermal Diode Interface

MON35W42 Datasheet (HTML) - SMSC Corporation

Back Button MON35W42 Datasheet HTML 1Page - SMSC Corporation MON35W42 Datasheet HTML 2Page - SMSC Corporation MON35W42 Datasheet HTML 3Page - SMSC Corporation MON35W42 Datasheet HTML 4Page - SMSC Corporation MON35W42 Datasheet HTML 5Page - SMSC Corporation MON35W42 Datasheet HTML 6Page - SMSC Corporation MON35W42 Datasheet HTML 7Page - SMSC Corporation MON35W42 Datasheet HTML 8Page - SMSC Corporation MON35W42 Datasheet HTML 9Page - SMSC Corporation MON35W42 Datasheet HTML 10Page - SMSC Corporation Next Button 

MON35W42 Product details

GENERAL DESCRIPTION
The MON35W42 is an enhanced version of the MON35W41 hardware status monitoring IC. The MON35W42 can be used to monitor several critical hardware parameters of the system, including power supply voltages, fan speeds, and temperatures, which are very important for the stability and proper operation of high-end computer systems. MON35W42 provides both ISA and I2C serial bus interface.

FEATURES
◾ Monitoring Items
    - 3 Thermal Inputs From Remote Thermistors or 2N3904 NPN-type Transistors or Pentium® II (Deschutes) Thermal Diode Output
    - 9 Voltage Inputs - Typical for Vcore, +3.3V, +12V, -12V, +5V, -5V, +5V Vsb, Vbat, and One Reserved
    - 3 Fan Speed Monitoring Inputs
    - Case Open Detection Input
    - WATCHDOG Comparison of all Monitored Values
    - Programmable Hysteresis and Setting Points (Alarm Thresholds) for all Monitored Items
◾ Action Enabling
    - Beep Tone Warning
    - 4 PWM (Pulse Width Modulation) Outputs for Fan Speed Control (3 are MUX Optional); Up to 3 sets of fan Speed Monitoring and Control.
    - Issue nSMI, nOVT, nGPO Signals to Activate System Protection
    - Warning Signal Pop-Up for Application Software
◾ General
    - ISA and I2C Serial Bus Interface
    - 5 VID Input Pins for CPU Vcore Identification (for Pentium® II)
    - Initial Power Fault Beep (for +3.3V, Vcore)
    - Master Reset Input to MON35W42
    - Independent Power Plane of Digital Vcc and Analog Vcc (Inputs to IC)
    - 3 Pins (IA0, IA1, IA2) to Provide Selectable Address Setting for Application of Multiple Devices (up to 8 Devices) Wired Through I2C Interface
    - Intel® LDCM (DMI Driver 2.0) Support
    - Acer ADM (DMI Driver 2.0) Support
    - SMSC Hardware Monitoring Application Software (Hardware Doctor) Support, for Both Windows 95/98 and Windows NT 4.0/5.0
    - Input Clock Rate Optional for 24, 48, 14.318 MHz
    - 5V Vcc Operation
◾ Package
    - 48 Pin TQFP




Similar Part No. - MON35W42

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
logo
SIKA BUILDING TRUST
MONOGRIS-E SIKA-MONOGRIS-E Datasheet
695Kb / 4P
   Parex® MONOGRIS E
December 2021, Version 01.01
More results


Similar Description - MON35W42

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT7802Y NUVOTON-NCT7802Y Datasheet
2Mb / 87P
   Hardware Monitoring IC with PECI 3.0 interface
logo
Nuvotem Talema
NCT7802Y TALEMA-NCT7802Y Datasheet
1Mb / 87P
   Hardware Monitoring IC NCT7802Y with PECI 3.0 interface
logo
ATMEL Corporation
U6803B ATMEL-U6803B Datasheet
148Kb / 7P
   Triple-Driver IC with Thermal Monitoring
U6803B ATMEL-U6803B_05 Datasheet
165Kb / 6P
   Triple Driver IC with Thermal Monitoring
U6805B ATMEL-U6805B Datasheet
182Kb / 7P
   HEX DRIVER IC WITH THERMAL MONITORING
T6801 ATMEL-T6801_05 Datasheet
228Kb / 6P
   Single-channel Driver IC with Thermal Monitoring
logo
ADL Embedded Solutions
ADLGS45HDS ADL-ADLGS45HDS Datasheet
663Kb / 2P
   Hardware Monitoring
logo
Gamewell-FCI by Honeywe...
SV-SWS GAMEWELL-FCI-SV-SWS Datasheet
88Kb / 2P
   Graphical Monitoring Software and Interface Hardware System
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
   System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
ADM1024 ONSEMI-ADM1024_16 Datasheet
256Kb / 30P
   System Hardware Monitor with Remote Diode Thermal Sensing
January, 2016 ??Rev. 5
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com