|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MMA2260D - 1.5g X-Axis Micromachined Accelerometer - Motorola, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MMA7260Q | 1.5g - 6g Three Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Motorola, Inc |
| MMA6231Q | 10g Dual Axis Micromachined Accelerometer | 1 2 3 4 5 More | Motorola, Inc |
| MMA2301D | Surface Mount Micromachined Accelerometer | 1 2 3 4 5 More | Motorola, Inc |
| MMAS40G10D | MICROMACHINED ACCELEROMETER ±40g | 1 2 3 4 | Motorola, Inc |
| MMA2201 | Surface Mount Micromachined Accelerometer | 1 2 3 4 5 More | Motorola, Inc |
| MMA6281QT | +-2.5g - 10g Two Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMAS40GWB | MICROMACHINED ACCELEROMETER ±40g AMPLIFIED | 1 2 3 4 | Motorola, Inc |
| MMA2204D | Surface Mount Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| XMMA1000P | MICROMACHINED ACCELEROMETER | 1 2 3 4 5 More | Motorola, Inc |
| MMA1210D | Surface Mount Micromachined Accelerometer | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|