|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAX4766 - 0.075A to 1.5A, Programmable Current-Limit Switch - Maxim Integrated Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IR3312 | PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
| IR3310S | PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
| L5970AD | 1.5A SWITCH STEP DOWN SWITCHING REGULATOR | 1 2 3 4 5 More | STMicroelectronics |
| BRY39 | Programmable unijunction transistor/ Silicon controlled switch | 1 2 3 4 5 More | NXP Semiconductors |
| 3150 | PROGRAMMABLE CHOPPERSTABILIZED HALL-EFFECT SWITCH | 1 2 3 4 5 More | Allegro MicroSystems |
| AD22105 | Low Voltage Resistor Programmable Thermostatic Switch | 1 2 3 4 5 More | Analog Devices |
| A1181 | Two-Wire Programmable Chopper-Stabilized Unipolar Hall-Effect Switch | 1 2 3 4 5 More | Allegro MicroSystems |
| LT1188 | 1.5A High Side Switch | 1 2 3 4 5 More | Linear Technology |
| LT1946 | 1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start | 1 2 3 4 5 More | Linear Technology |
| LT1946A | 2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start | 1 2 3 4 5 More | Linear Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|