Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM42 Datasheet (PDF) - TT Electronics.

HM42 Datasheet PDF - TT Electronics.
Part # HM42
Download  HM42 Download

File Size   770.32 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Gate Drive Transformers

HM42 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM42 Datasheet PDF - TT Electronics.

Part # HM42
Download  HM42 Click to download

File Size   770.32 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Gate Drive Transformers

HM42 Datasheet (HTML) - TT Electronics.

HM42 Datasheet HTML 1Page - TT Electronics. HM42 Datasheet HTML 2Page - TT Electronics.

HM42 Product details

Gate Drive Transformers
Model HM42 Series

Features
• Operating Temperature Range -40°C to +125°C
• Ambient Temperature, Maximum +85°C
• 1500Vdc Isolation between Gate and Drive
• Basic Insulation 1500Vrms between Primary and Secondary
• RoHS Compliant




Similar Part No. - HM42

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM42 HSMC-HM42 Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Vaisala
HM42 VAISALA-HM42 Datasheet
1Mb / 4P
   HUMICAPâ Handheld Humidity and Temperature Meter Series
logo
List of Unclassifed Man...
HM42-10001LF ETC2-HM42-10001LF Datasheet
477Kb / 2P
   Operating Temperature Range
logo
Bi technologies
HM42-10001LF BITECH-HM42-10001LF Datasheet
312Kb / 2P
   Gate Drive Transformers
logo
List of Unclassifed Man...
HM42-10002LF ETC2-HM42-10002LF Datasheet
477Kb / 2P
   Operating Temperature Range
More results


Similar Description - HM42

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM42 BITECH-HM42_15 Datasheet
312Kb / 2P
   Gate Drive Transformers
logo
Premier Magnetics, Inc.
PMGD-02 PMI-PMGD-02 Datasheet
117Kb / 3P
   GATE DRIVE & BASE DRIVE TRANSFORMERS
logo
Pulse A Technitrol Comp...
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PE-68386T PULSE-PE-68386T Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
logo
Vishay Siliconix
UGDT VISHAY-UGDT Datasheet
92Kb / 3P
   Micro Gate Drive Transformers
logo
Datatronic Distribution...
SM580-1 DATATRONICS-SM580-1 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
logo
Pulse A Technitrol Comp...
PA0297NLT PULSE-PA0297NLT Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS
PA0184NLT PULSE-PA0184NLT Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
PA2001NLT PULSE-PA2001NLT Datasheet
788Kb / 3P
   SMT Gate Drive Transformers
logo
EPCOS
B82804A0354A110 EPCOS-B82804A0354A110 Datasheet
579Kb / 5P
   SMT gate drive transformers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com