Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2450-MM-150-24 Datasheet (PDF) - CRYSTEK CORPORATION

CC2450-MM-150-24 Datasheet PDF - CRYSTEK CORPORATION
Part # CC2450-MM-150-24
Download  CC2450-MM-150-24 Download

File Size   1038.95 Kbytes
Page   2 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description 50 GHz Low Loss Coaxial Cables

CC2450-MM-150-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2450-MM-150-24 Datasheet PDF - CRYSTEK CORPORATION

Part # CC2450-MM-150-24
Download  CC2450-MM-150-24 Click to download

File Size   1038.95 Kbytes
Page   2 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description 50 GHz Low Loss Coaxial Cables

CC2450-MM-150-24 Datasheet (HTML) - CRYSTEK CORPORATION

CC2450-MM-150-24 Datasheet HTML 1Page - CRYSTEK CORPORATION CC2450-MM-150-24 Datasheet HTML 2Page - CRYSTEK CORPORATION



Similar Part No. - CC2450-MM-150-24

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CC24500N POWEREX-CC24500N Datasheet
64Kb / 2P
   Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
CC24500N POWEREX-CC24500N Datasheet
64Kb / 2P
   Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
logo
Crydom Inc.,
CC2450W3VH CRYDOM-CC2450W3VH Datasheet
905Kb / 6P
   Evolution Dual Series
Rev. 060916
More results


Similar Description - CC2450-MM-150-24

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCK26.5-MM-190-30 CRYSTEKMICROWAVE-CCK26.5-MM-190-30 Datasheet
1Mb / 3P
   26.5 GHz Low Loss Coaxial Cables
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
   LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
   LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
   Armored 50 Ohm 18GHz Low Loss Coaxial Cables
CCK40-MM-160-30 CRYSTEKMICROWAVE-CCK40-MM-160-30 Datasheet
451Kb / 2P
   40GHz Low Loss Coaxial Cables
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
   086 Flexible 50 Ohm 18 GHz Coaxial Cables
CCSMA-MM-086-3 CRYSTEKMICROWAVE-CCSMA-MM-086-3 Datasheet
904Kb / 1P
   50 Ohm DC-12 GHz Hand Formable Coaxial Cables
logo
Mini-Circuits
CBL-SERIES MINI-CBL-SERIES Datasheet
236Kb / 3P
   Coaxial-Flex Test Cables 50??DC to 18 GHz
logo
CRYSTEK CORPORATION
CCSMA18-MM-141-3 CRYSTEKMICROWAVE-CCSMA18-MM-141-3 Datasheet
892Kb / 1P
   50 Ohm DC-18 GHz Hand Formable Coaxial Cables
CCSMA-MM-RG316DS-6P CRYSTEKMICROWAVE-CCSMA-MM-RG316DS-6P Datasheet
846Kb / 1P
   RG316DS 50 Ohm Coaxial Cables
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com