|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD1839A - 2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD1839 | 2 ADC 6 DAC 96 kHz 24-Bit sigma-delta Codec | 1 2 3 4 5 More | Analog Devices |
| AD1837 | 2 ADC 8 DAC 96 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
| AD1838 | 2 ADC 6 DAC 96 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
| AD1837A | 2 ADC 8 DAC 96 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
| AD1835 | 2 ADC 8 DAC 96 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
| AD1939 | 4 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC | 1 2 3 4 5 More | Analog Devices |
| PCM3010 | 24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC 192-kHz DAC AND SINGLE-ENDED ANALOG INPUT/OUTPUT | 1 2 3 4 5 More | Texas Instruments |
| AD1835A | 2 ADC 8 DAC 96 kHz 24-Bit Codecs | 1 2 3 4 5 More | Analog Devices |
| CS4391 | 24-Bit 192 kHz Stereo DAC with Volume Controlã | 1 2 3 4 5 More | Cirrus Logic |
| AD7791 | Low Power Buffered 24-Bit Sigma-Delta ADC | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 |
Link URL |
|
|