|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
M57727 - 144-148MHz 12.5V,37W,SSB MOBILE RADIO - Mitsubishi Electric Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M57726R | 144-148MHz 12.5V 43W FM MOBILE RADIOããããã | 1 | Mitsubishi Electric Semiconductor |
| M57713 | 144-148MHz 12.5V 17W SSB MOBILE RADIOããã | 1 2 3 | Mitsubishi Electric Semiconductor |
| M67727 | 144-148MHz 12.5V 60W SSB MOBILE RADIOã | 1 | Mitsubishi Electric Semiconductor |
| M57747 | 144-148MHz 12.5V 13W FM MOBILE RADIO | 1 2 3 | Mitsubishi Electric Semiconductor |
| M57729 | 430-450MHz 12.5V 30W FM MOBILE RADIOããããã | 1 2 3 | Mitsubishi Electric Semiconductor |
| M68750 | 144-148MHz 12.5V 27W FM MOBILE RADIO | 1 2 | Mitsubishi Electric Semiconductor |
| M57729EL | 335-360MHz 12.5V 30W FM MOBILE RADIOããããã | 1 | Mitsubishi Electric Semiconductor |
| M57762 | 1240-1300MHz 12.5V 18W SSB MOBILE RADIO | 1 2 3 | Mitsubishi Electric Semiconductor |
| M57715R | 144-148MHz 12.5V 13W FM MOBILE RADIOãããã | 1 | Mitsubishi Electric Semiconductor |
| M57716 | 430-450MHz 12.5V 17W SSB MOBILE RADIOãããã | 1 2 3 | Mitsubishi Electric Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|