Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE861 Datasheet (PDF) - NTE Electronics

NTE861 Datasheet PDF - NTE Electronics
Part # NTE861
Download  NTE861 Download

File Size   26.76 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Quad, Normally Open, SPST JFET Analog Switch w/Disable

NTE861 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE861 Datasheet PDF - NTE Electronics

Part # NTE861
Download  NTE861 Click to download

File Size   26.76 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Quad, Normally Open, SPST JFET Analog Switch w/Disable

NTE861 Datasheet (HTML) - NTE Electronics

NTE861 Datasheet HTML 1Page - NTE Electronics NTE861 Datasheet HTML 2Page - NTE Electronics NTE861 Datasheet HTML 3Page - NTE Electronics

NTE861 Product details

Description:
The NTE861 is a monolithic combination of bipolar and JFET technology producing a one chip quad JFET switch. A unique circuit technique is employed to maintain a constant resistance over the analog voltage range of ±10V. The input is designed to operate from minimum TTL levels, and switch operation also ensures a break–before–make action.

Features:
● Analog signals are not loaded
● Constant “ON” resistance for signals up to ±10V and 100kHz
● Pin compatible with CMOS switches with the advantage of blow out free handling
● Small signal analog signals to 50MHz
● Break–before–make action
● High open switch isolation at 1.0MHz
● Low leakage in “OFF” state
● TTL, DTL, RTL compatibility
● Single disable pin opens all switches in package




Similar Part No. - NTE861

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE860 NTE-NTE860 Datasheet
21Kb / 2P
   Integrated Circuit Low-Power, Narrow-Band FM IF
NTE862 NTE-NTE862 Datasheet
76Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
NTE863 NTE-NTE863 Datasheet
21Kb / 2P
   Integrated Circuit OP Amp/Comparator
NTE864 NTE-NTE864 Datasheet
26Kb / 3P
   Integrated Circuit Precision Waveform Generator
NTE867 NTE-NTE867 Datasheet
95Kb / 4P
   Integrated Circuit BiMOS Input Op−Amp
More results


Similar Description - NTE861

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
   Quad SPST JFET Analog Switch
REV. A
SW201 AD-SW201 Datasheet
413Kb / 6P
   QUAD SPST JFET ANALOG SWITCH
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
logo
List of Unclassifed Man...
SW7510EQ ETC-SW7510EQ Datasheet
1Mb / 8P
   QUAD SPST JFET ANALOG SWITCHES
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com