Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE857 Datasheet (PDF) - NTE Electronics

NTE857 Datasheet PDF - NTE Electronics
Part # NTE857
Download  NTE857 Download

File Size   28.14 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Low-Noise JFET-Input Operational Amplifier

NTE857 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE857 Datasheet PDF - NTE Electronics

Part # NTE857
Download  NTE857 Click to download

File Size   28.14 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Low-Noise JFET-Input Operational Amplifier

NTE857 Datasheet (HTML) - NTE Electronics

NTE857 Datasheet HTML 1Page - NTE Electronics NTE857 Datasheet HTML 2Page - NTE Electronics NTE857 Datasheet HTML 3Page - NTE Electronics

NTE857 Product details

Description:

The NTE857M and NTE857SM are low–noise JFET input operational amplifiers combining two state–of–the–art linear technologies on a single monolithic integrated circuit. Each internally compensated operational amplifier has well matched high voltage JFET input devices for low input offset voltage. The BIFET technology provides wide bandwidths and fast slew rates with low input bias currents, input offset currents, and supply currents. Moreover, these devices exhibit low–noise and low harmonic distortion making them ideal for use in high–fidelity audio amplifier applications.



Features:

 Available in Two Different Package Types:

  8–Lead Mini DIP (NTE857M)

  SOIC–8 Surface Mount (NTE857SM)

 Low Input Noise Voltage: 18nV√HzTyp

 Low Harmonic Distortion: 0.01% Typ

 Low Input Bias and Offset Currents

 High Input Impedance: 1012ΩTyp

 High Slew Rate: 13V/µs Typ

 Wide Gain Bandwidth: 4MHz Typ

 Low Supply Current: 1.4mA per Amp




Similar Part No. - NTE857

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE85 NTE-NTE85 Datasheet
20Kb / 2P
   Silicon NPN Transistor General Purpose Amplifier
NTE851 NTE-NTE851 Datasheet
22Kb / 2P
   Integrated Circuit VHF/UHF Prescaler
NTE853 NTE-NTE853 Datasheet
23Kb / 2P
   Integrated Circuit Low Power, Narrow Band, FM IF System
NTE8542 NTE-NTE8542 Datasheet
82Kb / 4P
   Integrated Circuit Tri−State Quad I/O Register
NTE855 NTE-NTE855 Datasheet
25Kb / 3P
   Integrated Circuit Color TV Video Monitor
More results


Similar Description - NTE857

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE858M NTE-NTE858M Datasheet
28Kb / 3P
   Integrated Circuit Dual, Low-Noise JFET-Input Operational Amplifier
NTE859 NTE-NTE859 Datasheet
30Kb / 3P
   Integrated Circuit Quad, Low Noise, JFET Input Operational Amplifier
NTE937M NTE-NTE937M Datasheet
32Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
NTE937 NTE-NTE937 Datasheet
34Kb / 3P
   Integrated Circuit JFET Input Operational Amplifier
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL072-EP TI-TL072-EP_15 Datasheet
864Kb / 20P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
NTE Electronics
NTE894M NTE-NTE894M Datasheet
28Kb / 3P
   Integrated Circuit Low Noise Operational Amplifier
logo
Diodes Incorporated
TL072 DIODES-TL072 Datasheet
186Kb / 11P
   LOW NOISE JFET INPUT OPERATIONAL
TL072 Rev. 1
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com