|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AC01DJM - 1 A POWER MINI MOLD TRIAC - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SB805 | PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD | 1 2 3 4 | NEC |
| 2SC3624 | AUDIO FREQUENCY AMPLIFIER SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD | 1 2 3 4 | NEC |
| 2SD1006 | NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD | 1 2 3 4 | NEC |
| T16A6CI | BI-DIRECTIONAL TRIODE THYRISTOR 16A MOLD TRIAC AC POWER CONTROL | 1 2 3 | KEC(Korea Electronics) |
| 2SC3734 | HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD | 1 2 3 4 | NEC |
| 2SD1614 | NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD | 1 2 3 4 | NEC |
| T1A6C | BI-DIRECTIONAL TRIODE THYRISTOR 1A MOLD TRIAC AC POWER CONTROL | 1 2 3 | KEC(Korea Electronics) |
| 2SC3735 | HIGH SPEED SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD | 1 2 3 4 | NEC |
| 2SD1615 | NPN SILICON EPITAXIAL TRANSISTORS POWER MINI MOLD | 1 2 3 4 | NEC |
| 03P2J | ALL DIFFUSED TYPE SCR POWER MINI MOLD | 1 2 3 4 | NEC |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|