|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF100 - 50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RNP50U | 50W TO220 HIGH POWER RESISTORS | 1 2 | DB Lectro Inc |
| LD7213 | 14 GHz 300 W CW CONDUCTION COOLING HIGH POWER GAIN FLAT GAIN VARIATION | 1 2 3 4 | NEC |
| MHP20 | 20W TO-220 HIGH POWER RESISTORS | 1 2 | List of Unclassifed Manufacturers |
| RWST | Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model | 1 2 3 | Vishay Siliconix |
| RNP-10S | TO126 20W HIGH POWER RESISTORS | 1 2 | DB Lectro Inc |
| LD7215 | 6 GHz 3 kW HELIX TYPE PPM FOCUSING HIGH POWER GAIN FLAT GAIN VARIATION | 1 2 3 4 | NEC |
| RNP20S | TO220 35W HIGH POWER RESISTORS | 1 2 | DB Lectro Inc |
| BHPR | 250W / 300W TO-227 HIGH POWER RESISTORS | 1 2 | List of Unclassifed Manufacturers |
| PAF500F48 | High Power DC-DC Module 500W ~ 700Wã | 1 | DENSEI-LAMBDA |
| NC2D-JP-DC5V | FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT | 1 2 3 4 5 More | Nais(Matsushita Electric Works) |
Datasheet Page |
1 2 |
Link URL |
|
|