|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
M57716L - 360-380MHz, 12.5V, 13W, DIGITAL MOBILE RADIO - Mitsubishi Electric Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M57747 | 144-148MHz 12.5V 13W FM MOBILE RADIO | 1 2 3 | Mitsubishi Electric Semiconductor |
| M67766C | 806-825MHz 12.5V 16W DIGITAL MOBILE RADIO | 1 2 | Mitsubishi Electric Semiconductor |
| M68749 | 380-400MHz 12.5V 5W DIGITAL MOBILE RADIO | 1 2 | Mitsubishi Electric Semiconductor |
| M57752 | 430-450MHz 12.5V 13W FM MOBILE RADIO | 1 2 | Mitsubishi Electric Semiconductor |
| M67769A | 890-915MHz 12.5V 13W FM MOBILE RADIO | 1 | Mitsubishi Electric Semiconductor |
| M57704EL | 335-360MHz 12.5V 13W FM MOBILE RADIO | 1 | Mitsubishi Electric Semiconductor |
| M67769C | 889-915MHz 12.5V 13W FM MOBILE RADIO | 1 2 3 | Mitsubishi Electric Semiconductor |
| RA13H4047M | MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V 2 Stage Amp. For MOBILE RADIO | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| RA13H8891MB | RoHS Compliance 880-915MHz 13W 12.5V 3 Stage Amp. For MOBILE RADIO | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| RA13H3340M | 330-400MHz 13W 12.5V MOBILE RADIO | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|