|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1SS140 - 1SS139 1SS140 1SS141 DIODE - Rohm |
|
Click 1SS140 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MV1807J1 | SILICON VARACTOR DIODE | Advanced Semiconductor |
| RM10TN-H | Three-Phase Diode Bridge Modules | Mitsubishi Electric Semiconductor |
| FCQ10A06 | Schottky Barrier Diode | Nihon Inter Electronics Corporation |
| 1860115X | StarLEDs T31/4 10x25mm E10 with protection diode | Chicago Miniature Lamp,inc |
| 10BF10 | SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE | International Rectifier |
| 3EZ3.9D5 | 3W SILICON ZENER DIODE | Jinan Gude Electronic Device |
| HFA16PA120C | HEXFRED Ultrafast Soft Recovery Diode | International Rectifier |
| MGY30N60D | Insulated Gate Bipolar Transistor with Anti-Parallel Diode | Motorola, Inc |
| L236 | Common Cathode Fast Recovery Epitaxial Diode FRED | IXYS Corporation |
| NDL7408P | 1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER | NEC |
Link URL |
|
|
Related keyword |
| 1SS140 Datasheet | 1SS140 Cross Reference | 1SS140 Schematic | 1SS140 Distributor | 1SS140 Datenblatt | 1SS140 RoHS |
| 1SS140 Equivalent | 1SS140 Application Notes | 1SS140 Data Sheet | 1SS140 component | 1SS140 Fiche Technique | 1SS140 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |