Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7145 Datasheet (PDF) - NTE Electronics

NTE7145 Datasheet PDF - NTE Electronics
Part # NTE7145
Download  NTE7145 Download

File Size   26.29 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Intergrated Circuit 18W BTL x 2 Ch Audio Power Amplifier

NTE7145 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7145 Datasheet PDF - NTE Electronics

Part # NTE7145
Download  NTE7145 Click to download

File Size   26.29 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Intergrated Circuit 18W BTL x 2 Ch Audio Power Amplifier

NTE7145 Datasheet (HTML) - NTE Electronics

NTE7145 Datasheet HTML 1Page - NTE Electronics NTE7145 Datasheet HTML 2Page - NTE Electronics

NTE7145 Product details

Description:
The NTE7145 is a stereo audio power IC in a 17–Lead Staggered SIP type package designed for car audio use. This device has 2 built–in channels to reduce the characteristics difference between L and R channels. In addition, the functions of stand–by, muting, and a variety of protections circuits are involved.

Features:
● High Power:
    POUT(1) = 18W (Typ)/Channel (VCC = 14.4V, f = 1kHz, THD = 10%, RL = 4Ω)
    POUT(2) = 15W (Typ)/Channel (VCC = 13.2V, f = 1kHz, THD = 10%, RL = 4Ω)
● Low Distortion Ratio:
    THD = 0.04% (Typ) (VCC = 13.2V, f = 1kHz, POUT = 1W, RL = 4Ω, GV = 50dB)
● Low Noise:
    VNO = 0.30mVrms (Typ) (VCC = 13.2V, RL = 4Ω, GV = 50dB, Rg = 0Ω, BW = 20Hz to 20kHz)
● Built–In Stand–By Function (With Pin4 set at Low, Power is Turned OFF):
    ISB = 1µA (Typ)
● Built–In Muting Function (With Pin1 set at Low, Power is Turned OFF):
    V (Mute) = 1V (Typ)
● Built–In Various Protection Circuits:
    Thermal Shut Down
    Overvoltage
    OUT→VCC Short
    OUT→GND Short
    OUT–OUT Short
● Operating Supply Voltage: VCC = 9V to 18V




Similar Part No. - NTE7145

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE714 NTE-NTE714 Datasheet
23Kb / 2P
   Integrated Circuit Chroma Subcarrier Regeneration
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
   Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
More results


Similar Description - NTE7145

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8215H TOSHIBA-TA8215H Datasheet
483Kb / 11P
   18W BTL x 3CH AUDIO POWER AMPLIFIER
TA8201AH TOSHIBA-TA8201AH Datasheet
488Kb / 11P
   18W BTL x 2CH AUDIO POWER AMPLIFIER
TA8205AHQ TOSHIBA-TA8205AHQ Datasheet
934Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
TA8215HQ TOSHIBA-TA8215HQ Datasheet
928Kb / 14P
   18W BTL 횞 2CH Audio Power Amplifier
logo
Panasonic Semiconductor
AN7170 PANASONIC-AN7170 Datasheet
48Kb / 4P
   18W Audio Power Amplifier Circuit
logo
NTE Electronics
NTE1399 NTE-NTE1399 Datasheet
21Kb / 2P
   Integrated Circuit Dual, Audio Power Amp, 18W BTL
NTE7088 NTE-NTE7088 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 18 Watt BTL x 2 Channel
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
logo
NXP Semiconductors
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com