|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RO2073A - 315.0 MHz SAW Resonator - RF Monolithics, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RP1239 | 315.0 MHz SAW Resonator | 1 2 | List of Unclassifed Manufacturers |
| RO2073A-6 | 315.0 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2073C | 315.0 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2073E | 315.0 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2073E-2 | 315.0 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2053 | 310.0 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2104 | 303.825 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2122A | 293.125 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RO2164D | 868.35 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
| RP1308 | 433.92 MHz SAW Resonator | 1 2 | RF Monolithics, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|