Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR30-6JB-6S Datasheet (PDF) - Hirose Electric

HR30-6JB-6S Datasheet PDF - Hirose Electric
Part # HR30-6JB-6S
Download  HR30-6JB-6S Download

File Size   833.91 Kbytes
Page   16 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Miniature Waterproof Plastic Connectors

HR30-6JB-6S Datasheet (PDF)

Go To PDF Page Download Datasheet
HR30-6JB-6S Datasheet PDF - Hirose Electric

Part # HR30-6JB-6S
Download  HR30-6JB-6S Click to download

File Size   833.91 Kbytes
Page   16 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Miniature Waterproof Plastic Connectors

HR30-6JB-6S Datasheet (HTML) - Hirose Electric

Back Button HR30-6JB-6S Datasheet HTML 1Page - Hirose Electric HR30-6JB-6S Datasheet HTML 2Page - Hirose Electric HR30-6JB-6S Datasheet HTML 3Page - Hirose Electric HR30-6JB-6S Datasheet HTML 4Page - Hirose Electric HR30-6JB-6S Datasheet HTML 5Page - Hirose Electric HR30-6JB-6S Datasheet HTML 6Page - Hirose Electric HR30-6JB-6S Datasheet HTML 7Page - Hirose Electric HR30-6JB-6S Datasheet HTML 8Page - Hirose Electric HR30-6JB-6S Datasheet HTML 9Page - Hirose Electric HR30-6JB-6S Datasheet HTML 10Page - Hirose Electric Next Button 

HR30-6JB-6S Product details

Features
1. Small-size with low profile
   3, 6 contacts : Maximum outer diameter Ø12.6mm
                           Mated length 32.3mm (from the
                           panel surface)
   10, 12 contacts : Maximum outer diameter Ø15.5mm
                               Mated length 42.1mm (from the
                               panel surface)
   These small, compact connectors offer unique
   features available only from Hirose.
2. Waterproof construction
   IP67 and 68 waterproof construction in the mated state
   IP67 : Left submerged in water at a depth of 1m for 30 minutes
   IP68 : Left submerged in water at a depth of 2m for 14 days
3. Push/pull lock
   Waterproof connectors feature an easy to operate push/pull locks developed with our exclusive technology.
4. Light weight
   3 and 6 contacts: 6g (plug + receptacle)
   10 and 12 contacts: 9g (plug + receptacle)
5. Clamp structure
   Our proprietary clamping method allows clamping the cable by simply tightening the cord ring.
6. Easy mating operation
   The plug can be securely locked while holding it in your hand while mating. (Fig.2)
7. Mis-insertion prevention
   Mating portions are polarized to avoid improper mating and connector damage.
8. Mating mark
   Both the plug and the receptacle feature a white index mark on them which is used to quickly align the two interfaces for proper mating.(Fig.3)
9. Complies with the RoHS requirements
   In consideration of environmental issues, we use only materials that comply with the RoHS Directive.




Similar Part No. - HR30-6JB-6S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6JB-6P HIROSE-HR30-6JB-6P Datasheet
154Kb / 2P
   SPECIFICATION SHEET
More results


Similar Description - HR30-6JB-6S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com