Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6023EBT Datasheet (PDF) - Maxim Integrated Products

MAX6023EBT Datasheet PDF - Maxim Integrated Products
Part # MAX6023EBT
Download  MAX6023EBT Download

File Size   95.57 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description CHIP SCALE DEVICES

MAX6023EBT Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6023EBT Datasheet PDF - Maxim Integrated Products

Part # MAX6023EBT
Download  MAX6023EBT Click to download

File Size   95.57 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description CHIP SCALE DEVICES

MAX6023EBT Datasheet (HTML) - Maxim Integrated Products

MAX6023EBT Datasheet HTML 1Page - Maxim Integrated Products MAX6023EBT Datasheet HTML 2Page - Maxim Integrated Products MAX6023EBT Datasheet HTML 3Page - Maxim Integrated Products MAX6023EBT Datasheet HTML 4Page - Maxim Integrated Products MAX6023EBT Datasheet HTML 5Page - Maxim Integrated Products MAX6023EBT Datasheet HTML 6Page - Maxim Integrated Products MAX6023EBT Datasheet HTML 7Page - Maxim Integrated Products MAX6023EBT Datasheet HTML 8Page - Maxim Integrated Products

MAX6023EBT Product details

General Description
The MAX6023 is a family of low-dropout, micropower voltage references in a 5-bump, chip-scale package (UCSP™). The MAX6023 series-mode (three-terminal) references, which operate with input voltages from 2.5V to 12.6V (1.25V and 2.048V options) or (VOUT + 0.2V) to 12.6V (all other voltage options), are available with output voltage options of 1.25V, 2.048V, 2.5V, 3.0V, 4.096V, 4.5V, and 5.0V. These devices are guaranteed an initial accuracy of ±0.2% and 30ppm/°C temperature drift over the -40°C to +85°C extended temperature range.
UCSPs offer the benefit of moving to smaller footprint and lower profile devices, significantly smaller than even SC70 or SOT23 plastic surface-mount packages. The significantly lower profile (compared to plastic SMD packages) of the UCSP makes the device ideal for height-critical applications. Miniature UCSP packages also enable device placement close to sources and allow more flexibility in a complex or large design layout.

Features
♦ 5-Bump UCSP Package (1.0mm ✕ 1.5mm ✕ 0.3mm)
♦ No Output Capacitor Needed
♦ ±0.2% (max) Initial Accuracy
♦ 30ppm/°C (max) Temperature Coefficient
♦ 35µA (max) Quiescent Supply Current
♦ 0.8µA/V (max) Supply Current Variation with VIN
♦ 100mV Dropout at 500µA Load Current
♦ Line Regulation: 160µV/V (max)
♦ Output Voltage Options: 1.25V, 2.048V, 2.5V, 3.0V,
   4.096V, 4.5V, 5.0V

Applications
   Hand-Held Equipment
   Data Acquisition Systems
   Industrial and Process Control Systems
   Battery-Operated Equipment
   Hard-Disk Drives




Similar Part No. - MAX6023EBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6023EBT12-T MAXIM-MAX6023EBT12-T Datasheet
279Kb / 13P
   Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Rev 2; 12/02
MAX6023EBT21-T MAXIM-MAX6023EBT21-T Datasheet
279Kb / 13P
   Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Rev 2; 12/02
MAX6023EBT25-T MAXIM-MAX6023EBT25-T Datasheet
279Kb / 13P
   Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Rev 2; 12/02
MAX6023EBT30-T MAXIM-MAX6023EBT30-T Datasheet
279Kb / 13P
   Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Rev 2; 12/02
MAX6023EBT41-T MAXIM-MAX6023EBT41-T Datasheet
279Kb / 13P
   Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Rev 2; 12/02
More results


Similar Description - MAX6023EBT

ManufacturerPart #DatasheetDescription
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_12 Datasheet
543Kb / 8P
   200W CHIP SCALE
logo
Lumileds Lighting Compa...
LHDF-RB10300000000 LUMILEDS-LHDF-RB10300000000 Datasheet
1Mb / 12P
   Chip Scale Package LED
logo
Xilinx, Inc
CS280 XILINX-CS280 Datasheet
47Kb / 1P
   Ball Chip Scale Package
logo
California Micro Device...
CSPDDR100 CALMIRCO-CSPDDR100 Datasheet
55Kb / 4P
   CHIP SCALE DDR TERMINATION ARRAY
CSPST CALMIRCO-CSPST Datasheet
52Kb / 4P
   CHIP SCALE SERIES TERMINATION ARRAY
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_11 Datasheet
541Kb / 8P
   200w chip scale tvs array
logo
California Micro Device...
CSPPT CALMIRCO-CSPPT Datasheet
59Kb / 4P
   CHIP SCALE PARALLEL TERMINATION ARRAY
logo
Protek Devices
CSP040605C PROTEC-CSP040605C Datasheet
114Kb / 5P
   CHIP SCALE LOW CAPACITANCE FLIP CHIP TVSARRAY
logo
California Micro Device...
PACDN1404C CALMIRCO-PACDN1404C Datasheet
51Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
logo
Analog Devices
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com