|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IR42-21C - 1.8MM ROUND SUBMINIATURE INFRARED LED - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IR91-21C | 1.9mm Round Subminiature Axial Infrared LED | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| L2690 | High power GaAIAs infrared LED | 1 2 | Hamamatsu Corporation |
| 195A135XUC | LED Indicator 22mm Standard Bezel White Round Lens | 1 | Chicago Miniature Lamp,inc |
| 1940123X | LED Indicator 16mm Standard Bezel with Round Lens | 1 | Chicago Miniature Lamp,inc |
| L3989 | High power infrared LED | 1 2 | Hamamatsu Corporation |
| TLN102 | TOSHIBA INFRARED LED GaAs INFRARED EMITTER | 1 2 3 4 5 | Toshiba Semiconductor |
| TLN231 | Infrared LED for Space-Optical-Transmission | 1 2 3 4 5 | Toshiba Semiconductor |
| 195A125XUC | LED Indicator 22mm Standard Bezel White Round Lens | 1 | Chicago Miniature Lamp,inc |
| 333GD | 5.0 MM ROUND TYPE LED LAMPS | 1 2 3 4 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|