|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FF1842M50-LS72 - 1842.50 MHz SAW Filter for cellular telephone - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 854550-1 | 69.99 MHz SAW Bandpass Filter for CDMA Basestation Receiver Applications Part Number 854550-1 | 1 | TriQuint Semiconductor |
| BF799 | NPN SILICON RF TRANSISTOR For linear broadband amplifier applications up to 500 MHz SAW filter driver in TV tuners | 1 2 3 | Siemens Semiconductor Group |
| FF1575M42-KP72 | 1575.42 MHz SAW Filter for GPS | 1 2 3 4 | List of Unclassifed Manufacturers |
| RF1181D | 916.5 MHz SAW Filter | 1 2 3 | RF Monolithics, Inc |
| RF1295C | 451.35 MHz SAW Filter | 1 2 | RF Monolithics, Inc |
| RF1411D | 869.2625 MHz SAW Filter | 1 2 3 | RF Monolithics, Inc |
| SF1086A | 125 MHz SAW Filter | 1 2 3 4 5 More | RF Monolithics, Inc |
| SF1120B | 298.74 MHz SAW Filter | 1 2 3 4 | RF Monolithics, Inc |
| SF2008D | 930.5 MHz SAW Filter | 1 2 3 4 | RF Monolithics, Inc |
| 856019 | 140 MHz SAW Filter | 1 2 3 4 5 | TriQuint Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|