|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N5828R - SCHOTTKY DIODES STUD TYPE 15 A - TRANSYS Electronics Limited |
|
Click 1N5828R to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MBR6020 | SCHOTTKY DIODES STUD TYPE 60 A | TRANSYS Electronics Limited |
| MBR8020 | SCHOTTKY DIODES STUD TYPE 80 A | TRANSYS Electronics Limited |
| ASD751V-N2 | Advanced Schottky Barrier Diodes - Surface mount small signal type | Formosa MS |
| FM0206-L | Chip Schottky Barrier Diodes - Silicon epitaxial planer type | Formosa MS |
| FM620-T | Chip Schottky Barrier Diodes - Silicon epitaxial planer type | Formosa MS |
| FM5820-B | Chip Schottky Barrier Diodes - Silicon epitaxial planer type | Formosa MS |
| SL22-MH | Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type | Formosa MS |
| MBR60020CT | SCHOTTKY DIODES MODULE TYPE 600A | TRANSYS Electronics Limited |
| BAT43WS | Advanced Schottky Barrier Diodes - Surface mount small signal type | Formosa MS |
| FM220-C | Chip Schottky Barrier Diodes - Silicon epitaxial planer type | Formosa MS |
Link URL |
|
|
Related keyword |
| 1N5828R Datasheet | 1N5828R Cross Reference | 1N5828R Schematic | 1N5828R Distributor | 1N5828R Datenblatt | 1N5828R RoHS |
| 1N5828R Equivalent | 1N5828R Application Notes | 1N5828R Data Sheet | 1N5828R component | 1N5828R Fiche Technique | 1N5828R Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |