|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OM4202RC - HERMETIC TO-258AA DUAL POWER SCHOTTKY RECTIFIER - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OM4206 | HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER | 1 2 | List of Unclassifed Manufacturers |
| SHD125036 | HERMETIC POWER SCHOTTKY RECTIFIER 200°C Maximum Operation Temperature | 1 2 3 | Sensitron |
| SHD125423 | HERMETIC POWER SCHOTTKY RECTIFIER 175°C Maximum Operation Temperature | 1 2 3 | Sensitron |
| SHD118544 | HERMETIC POWER SCHOTTKY RECTIFIER | 1 2 3 | Sensitron |
| SHD125246 | HERMETIC POWER SCHOTTKY RECTIFIER | 1 2 3 | Sensitron |
| SHD125445 | HERMETIC POWER SCHOTTKY RECTIFIER 175°C Maximum Operation Temperature | 1 2 3 | Sensitron |
| SHD125811 | HERMETIC POWER SCHOTTKY RECTIFIER 150°C Maximum Operation Temperature | 1 2 3 | Sensitron |
| SHD106223 | HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 175Ë C Operating Temperature | 1 2 3 | Sensitron |
| SHD115122 | HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop | 1 2 3 | Sensitron |
| SHD116046 | HERMETIC POWER SCHOTTKY RECTIFIER 200°C Maximum Operation Temperature | 1 2 3 | Sensitron |
Datasheet Page |
1 2 |
Link URL |
|
|