Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8831A Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8831A Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8831A
Download  AOZ8831A Download

File Size   339.08 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra Low Capacitance One-line Bidirectional TVS Diode

AOZ8831A Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8831A Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8831A
Download  AOZ8831A Click to download

File Size   339.08 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra Low Capacitance One-line Bidirectional TVS Diode

AOZ8831A Datasheet (HTML) - Alpha & Omega Semiconductors

AOZ8831A Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8831A Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8831A Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8831A Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8831A Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8831A Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8831A Datasheet HTML 7Page - Alpha & Omega Semiconductors

AOZ8831A Product details

General Description
The AOZ8831A is an ultra low capacitance one-line bidirectional transient voltage suppressor diode designed to protect high speed data lines and voltage sensitive electronics from high transient conditions and ESD.
This device incorporates one bidirectional TVS diode in an ultra-small DFN 1.0x0.6 footprint package. It may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15kV air, ±15kV contact discharge).
The AOZ8831A comes in an RoHS compliant package and is rated over a -40°C to +85°C ambient temperature range.
The ultra-small 1.0 x 0.6 x 0.5mm DFN package makes it ideal for applications where PCB space is a premium. The small size and high ESD protection makes it ideal for protecting voltage sensitive electronics from high transient conditions and ESD.

Features
● ESD protection for high-speed data lines:
   – Exceeds: IEC 61000-4-2 (ESD), ±25kV (contact)
   – Human Body Model (HBM) ±25kV
● Small package saves board space
● Ultra low capacitance: 0.30pF
● Low clamping voltage
● Low operating voltage: 5.0V
● Pb-free device

Applications
● Portable handheld devices
● Keypads, data lines, buttons
● Notebook computers
● Digital Cameras
● Portable GPS
● MP3 players




Similar Part No. - AOZ8831A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8831 AOSMD-AOZ8831 Datasheet
314Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-03 AOSMD-AOZ8831-03 Datasheet
311Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-05 AOSMD-AOZ8831-05 Datasheet
310Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831-24 AOSMD-AOZ8831-24 Datasheet
310Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
AOZ8831DT-03 AOSMD-AOZ8831DT-03 Datasheet
311Kb / 7P
   Ultra Low Capacitance One-line Bi-directional TVS Diode
More results


Similar Description - AOZ8831A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8841 AOSMD-AOZ8841 Datasheet
343Kb / 7P
   Ultra Low Capacitance One-line Bidirectional TVS Diode
AOZ8851ADI AOSMD-AOZ8851ADI Datasheet
475Kb / 8P
   Ultra Low Capacitance One-line Bidirectional TVS Diode
AOZ8851 AOSMD-AOZ8851 Datasheet
240Kb / 6P
   Ultra Low Capacitance One-line Bidirectional TVS Diode
AOZ8811 AOSMD-AOZ8811 Datasheet
338Kb / 7P
   Ultra-Low Capacitance One-line TVS Diode
AOZ8811-03 AOSMD-AOZ8811-03 Datasheet
331Kb / 7P
   Ultra-Low Capacitance One-line TVS Diode
AOZ8821-03 AOSMD-AOZ8821-03 Datasheet
334Kb / 7P
   Ultra-Low Capacitance One-line TVS Diode
AOZ8832 AOSMD-AOZ8832 Datasheet
312Kb / 7P
   Ultra Low Capacitance Two-line Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
ESDAXLC6-1BT2 LEIDITECH-ESDAXLC6-1BT2 Datasheet
1Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
ESD5V0B03-1006 LEIDITECH-ESD5V0B03-1006 Datasheet
1Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
BDFN2C051UF LEIDITECH-BDFN2C051UF Datasheet
1Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com