Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7016 Datasheet (PDF) - NTE Electronics

NTE7016 Datasheet PDF - NTE Electronics
Part # NTE7016
Download  NTE7016 Download

File Size   24.58 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit FM IF System

NTE7016 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7016 Datasheet PDF - NTE Electronics

Part # NTE7016
Download  NTE7016 Click to download

File Size   24.58 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit FM IF System

NTE7016 Datasheet (HTML) - NTE Electronics

NTE7016 Datasheet HTML 1Page - NTE Electronics NTE7016 Datasheet HTML 2Page - NTE Electronics NTE7016 Datasheet HTML 3Page - NTE Electronics

NTE7016 Product details

Description:

The NTE7016 is a monolithic integrated circuit that provides all the functions of a comprehensive FM–IF system. This device includes a three–stage FM–IF amplifier/limiter configuration with level detectors for each stage, a doubly–balanced quadrature FM detector, and an audio amplifier that features the optional use of a muting (squelch) circuit.

The advanced circuit design of the IF system includes desirable deluxe features such as program mable delayed AGC for the RF tuner, an AFC drive circuit, and an output signal to drive a tuning meter and/or provide stereo switching logic. In addition, internal power supply regulators maintain a nearly constant current drain over the voltage supply range of +8.5 to +16 volts.

The NTE7016 is ideal for high fidelity operation. Distortion in an NTE7016 FM–IF System is primarily a function of the phase linearity characteristic of the outboard detector coil.

The NTE7016 is available in a 16–Lead DIP type plastic package and can operate over the ambient temperature range of –40°C to +85°C.



Features:

• Exceptional Limiting Sensitivity: 12µV typ. at –3db Point

• Low Distortion: 0.1% typ. (With Double–Tuned Coil)

• Single–Coil Tuning Capability

• Improved S + N/N Ratio

• Externally Programmable Recovered Audio Level

• Provides Specific Signal for Control of Interchannel Muting (Squelch)

• Provides Specific Signal for Direct Drive of a Tuning Meter

• On Channel Step for Search Control

• Provides Programmable AGC Voltage for RF Amplifier

• Provides a Specific Circuit for Flexible Audio Output

• Internal Supply Voltage Regulators

• Externally Programmable “ON” Channel Step Width, and Deviation at Which Muting Occurs



 




Similar Part No. - NTE7016

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE701 NTE-NTE701 Datasheet
26Kb / 3P
   Integrated Circuit Video Signal Processor
NTE7010 NTE-NTE7010 Datasheet
24Kb / 3P
   Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
   Integrated Circuit 20W Audio Power Amplifier Circuit
NTE7013 NTE-NTE7013 Datasheet
22Kb / 2P
   Integrated Circuit Remote Control Preamp with Active ?쏬ow?
NTE7015 NTE-NTE7015 Datasheet
86Kb / 4P
   Integrated Circuit PLL SIF & VIF for TV & VCR
More results


Similar Description - NTE7016

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1842 NTE-NTE1842 Datasheet
26Kb / 3P
   Integrated Circuit FM/AM IF System
NTE1557 NTE-NTE1557 Datasheet
21Kb / 3P
   Integrated Circuit FM/AM IF System
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
KEC(Korea Electronics)
KIA6003S KEC-KIA6003S Datasheet
99Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (FM IF SYSTEM IC)
logo
NTE Electronics
NTE853 NTE-NTE853 Datasheet
23Kb / 2P
   Integrated Circuit Low Power, Narrow Band, FM IF System
logo
KEC(Korea Electronics)
KIA6040P KEC-KIA6040P Datasheet
127Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM/FM IF SYSTEM IC)
logo
NTE Electronics
NTE1040 NTE-NTE1040 Datasheet
69Kb / 2P
   Integrated Circuit FM IF Amp
NTE1234 NTE-NTE1234 Datasheet
77Kb / 2P
   Integrated Circuit FM IF Amplifier
NTE1474 NTE-NTE1474 Datasheet
68Kb / 2P
   Integrated Circuit FM IF Amp
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com