|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OPE5194WK - GAAIAS INFRARED EMITTER - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OPE5687HP | High Speed GaAIAs Infrared Emitter | 1 2 | List of Unclassifed Manufacturers |
| SFH485P | GaAiAs INFRARED EMITTER | 1 2 | Siemens Semiconductor Group |
| SFH485P | GaAIAs Infrared Emitter 880 nm | 1 2 3 4 | Siemens Semiconductor Group |
| LD261 | GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter | 1 2 3 4 | Siemens Semiconductor Group |
| SFH4591 | Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter | 1 2 3 4 5 | Siemens Semiconductor Group |
| TLN233 | TOSHIBA Infrared LED GaALAs Infrared Emitter | 1 2 3 4 5 | Torex Semiconductor |
| MTE2045-OH1T | Infrared Emitter | 1 2 | Marktech Corporate |
| MTE8080N3 | Metal Can Infrared Emitter | 1 2 | Marktech Corporate |
| MTE9094N | 5mm Infrared Emitter | 1 2 | Marktech Corporate |
| OP240SL | GaAIAs Plastic Infrared Emitting Diodes | 1 2 | OPTEK Technologies |
Datasheet Page |
1 2 |
Link URL |
|
|