Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXO-3201G Datasheet (PDF) - Golledge Electronics Ltd

GXO-3201G Datasheet PDF - Golledge Electronics Ltd
Part # GXO-3201G
Download  GXO-3201G Download

File Size   595.05 Kbytes
Page   6 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 1.8V SM Oscillator with Low Current Consumption

GXO-3201G Datasheet (PDF)

Go To PDF Page Download Datasheet
GXO-3201G Datasheet PDF - Golledge Electronics Ltd

Part # GXO-3201G
Download  GXO-3201G Click to download

File Size   595.05 Kbytes
Page   6 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 1.8V SM Oscillator with Low Current Consumption

GXO-3201G Datasheet (HTML) - Golledge Electronics Ltd

GXO-3201G Datasheet HTML 1Page - Golledge Electronics Ltd GXO-3201G Datasheet HTML 2Page - Golledge Electronics Ltd GXO-3201G Datasheet HTML 3Page - Golledge Electronics Ltd GXO-3201G Datasheet HTML 4Page - Golledge Electronics Ltd GXO-3201G Datasheet HTML 5Page - Golledge Electronics Ltd GXO-3201G Datasheet HTML 6Page - Golledge Electronics Ltd



Similar Part No. - GXO-3201G

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-3201G GOLLEDGE-GXO-3201G Datasheet
89Kb / 2P
   1.8~2.2V CMOS OSXILLATOR
GXO-3201G GOLLEDGE-GXO-3201G Datasheet
171Kb / 2P
   1.8 ~ 3.3V CMOS Oscillator
GXO-3201G/BI GOLLEDGE-GXO-3201G/BI Datasheet
171Kb / 2P
   1.8 ~ 3.3V CMOS Oscillator
More results


Similar Description - GXO-3201G

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-5301G GOLLEDGE-GXO-5301G Datasheet
597Kb / 5P
   Miniature 1.8V Low Current Consumption Oscillator
GXO-U115G GOLLEDGE-GXO-U115G Datasheet
588Kb / 5P
   1.8V 5x3mm Oscillator with Extremely Low Current Consumption
GXO-3201L GOLLEDGE-GXO-3201L Datasheet
596Kb / 6P
   2.5-3.3V SM Oscillator with Low Current Consumption
GXO-U114G GOLLEDGE-GXO-U114G Datasheet
560Kb / 4P
   1.8V Oscillator with Low Power Consumption
GXO-7521G GOLLEDGE-GXO-7521G Datasheet
574Kb / 5P
   1.8V SM Oscillator with Tight Stability
GXO-3301G GOLLEDGE-GXO-3301G Datasheet
602Kb / 6P
   1.8V High Stability SM Oscillator
GXO-U115J GOLLEDGE-GXO-U115J Datasheet
592Kb / 5P
   2.5V 5x3mm Oscillator with Extremely Low Current Consumption
GXO-U115L GOLLEDGE-GXO-U115L Datasheet
592Kb / 5P
   3.3V 5x3mm Oscillator with Extremely Low Current Consumption
GXO-U113S GOLLEDGE-GXO-U113S Datasheet
562Kb / 4P
   5.0V Low Current Consumption 4-Pad Oscillator
logo
Nippon Precision Circui...
CF5012 NPC-CF5012 Datasheet
83Kb / 7P
   Low-current Consumption Crystal Oscillator Module ICs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com