|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KFF6514A - 1542 MHZ INMARSAT /GPS BPF - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FAR-F5CE-D2 | Piezoelectric SAW BPF 700 to 1000 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FAR-F5CE | Piezoelectric SAW BPF 700 to 1700 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FAR-F5CH | Piezoelectric SAW BPF 700 to 1000 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| FAR-F6CE | Piezoelectric SAW BPF 1000 to 2500 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| KFF6668A | 1033 MHz TCAS BPF | 1 2 | List of Unclassifed Manufacturers |
| PTB20077 | 0.7 Watts 1525-1660 MHz INMARSAT RF Power Transistor | 1 2 3 | Ericsson |
| PTB20078 | 2.5 Watts 1525-1660 MHz INMARSAT RF Power Transistor | 1 2 3 | Ericsson |
| V43648Y04VCTG-10PC | 3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM | 1 2 3 4 5 More | Mosel Vitelic, Corp |
| 2N6439 | 60 W 225 to 400 MHz CONTROLLED âQâ BROADBAND RF POWER TRANSISTOR NPN SILICON | 1 2 3 4 5 More | Motorola, Inc |
| MHW5122A | 450 MHz CATV Amplifier | 1 2 3 4 | Motorola, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|