|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EHFFD1619 - 1.8GHz 1:1 Balun - Panasonic Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EHFFD1629 | 1.8GHz 1:1 Balun | 1 | List of Unclassifed Manufacturers |
| MABACT0034 | 1:1 Tx Line Balun Transformer 4.5 - 3000 MHz | 1 2 3 | Tyco Electronics |
| MABA-007327-CT1A40 | 1:1 Tx Line Balun Transformer 4.5-3000MHz | 1 2 3 | Tyco Electronics |
| MABA-008182-CF1160 | 1:1 Flux Coupled Balun Transformer 5-120MHz | 1 2 3 | Tyco Electronics |
| ETC1-1T | E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz | 1 2 | Tyco Electronics |
| MABACT0010 | 1:1 Transmission line Transformer 4.5 - 3000 MHz | 1 2 | Tyco Electronics |
| SA8025A | Low-voltage 1.8GHz fractional-N synthesizer | 1 2 3 4 5 More | NXP Semiconductors |
| ETN1-1-13 | E-Series RF 1:1 Transformer 4.5 - 2000 MHz | 1 2 | Tyco Electronics |
| MABACT0012 | 1:1 Flux Coupled Transformer 0.3 - 200 MHz | 1 2 | Tyco Electronics |
| STB7002 | 1.8GHz THREE GAIN LEVEL LNA | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 |
Link URL |
|
|