Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1145IP Datasheet (PDF) - Renesas Technology Corp

HFA1145IP Datasheet PDF - Renesas Technology Corp
Part # HFA1145IP
Download  HFA1145IP Download

File Size   711.9 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable

HFA1145IP Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1145IP Datasheet PDF - Renesas Technology Corp

Part # HFA1145IP
Download  HFA1145IP Click to download

File Size   711.9 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable

HFA1145IP Datasheet (HTML) - Renesas Technology Corp

Back Button HFA1145IP Datasheet HTML 1Page - Renesas Technology Corp HFA1145IP Datasheet HTML 2Page - Renesas Technology Corp HFA1145IP Datasheet HTML 3Page - Renesas Technology Corp HFA1145IP Datasheet HTML 4Page - Renesas Technology Corp HFA1145IP Datasheet HTML 5Page - Renesas Technology Corp HFA1145IP Datasheet HTML 6Page - Renesas Technology Corp HFA1145IP Datasheet HTML 7Page - Renesas Technology Corp HFA1145IP Datasheet HTML 8Page - Renesas Technology Corp HFA1145IP Datasheet HTML 9Page - Renesas Technology Corp HFA1145IP Datasheet HTML 10Page - Renesas Technology Corp Next Button 

HFA1145IP Product details

The HFA1145 is a high speed, low power current feedback amplifier built with Intersil’s proprietary complementary bipolar UHF-1 process.

Features
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . 5.8mA
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 1MΩ
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . . . . . . 330MHz
• Very Fast Slew Rate. . . . . . . . . . . . . . . . . . . . . . 1000V/μs
• Gain Flatness (to 75MHz) . . . . . . . . . . . . . . . . . . ±0.1dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Output Enable/Disable Time . . . . . . . . . . . . . 180ns/35ns
• Pin Compatible Upgrade for CLC410
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Flash A/D Drivers
• Video Switching and Routing
• Professional Video Processing
• Video Digitizing Boards/Systems
• Multimedia Systems
• RGB Preamps
• Medical Imaging
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications




Similar Part No. - HFA1145IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1145IP INTERSIL-HFA1145IP Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HFA1145IPZ INTERSIL-HFA1145IPZ Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
More results


Similar Description - HFA1145IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105 INTERSIL-HFA1105_06 Datasheet
304Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
logo
Renesas Technology Corp
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245 Datasheet
248Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
February 1999
HFA1245 INTERSIL-HFA1245_04 Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com