Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1203-01CP Datasheet (PDF) - California Micro Devices Corp

CM1203-01CP Datasheet PDF - California Micro Devices Corp
Part # CM1203-01CP
Download  CM1203-01CP Download

File Size   246.3 Kbytes
Page   7 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 1, 2 and 3-Channel ESD Arrays in CSP

CM1203-01CP Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1203-01CP Datasheet PDF - California Micro Devices Corp

Part # CM1203-01CP
Download  CM1203-01CP Click to download

File Size   246.3 Kbytes
Page   7 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 1, 2 and 3-Channel ESD Arrays in CSP

CM1203-01CP Datasheet (HTML) - California Micro Devices Corp

CM1203-01CP Datasheet HTML 1Page - California Micro Devices Corp CM1203-01CP Datasheet HTML 2Page - California Micro Devices Corp CM1203-01CP Datasheet HTML 3Page - California Micro Devices Corp CM1203-01CP Datasheet HTML 4Page - California Micro Devices Corp CM1203-01CP Datasheet HTML 5Page - California Micro Devices Corp CM1203-01CP Datasheet HTML 6Page - California Micro Devices Corp CM1203-01CP Datasheet HTML 7Page - California Micro Devices Corp

CM1203-01CP Product details

Product Description
The CM1203 comprises a family of 1, 2, and 3-channel ESD protection arrays, which integrate two, three and four identical avalanche-style diodes. It is intended that one of these diodes is connected to GND and the other diodes provide ESD protection for up to 3 lines depending upon the configuration utilized. The backto-back diode connections provide ESD protection for nodes that have AC signals up to 5.9V peak. These devices provide a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). The diodes are designed and characterized to safely dissipate ESD strikes of ±15kV, well beyond the maximum requirements of the IEC 61000-4-2 international standard.

Features
• Functionally and pin compatible with CMD’s CSPESD301/302/303 family of devices
• OptiGuard™ coated for improved reliability at assembly
• 1, 2 or 3 channels of ESD protection
• ±15kV ESD protection (IEC 61000-4-2, contact discharge)
• ±30kV ESD protection (HBM)
• Supports both AC and DC signal applications
• Low leakage current (<100nA)
• Chip Scale Package features extremely low lead inductance for optimum ESD and filter performance
• 4 bump, 1.06 x 0.93mm footprint Chip Scale Package (CSP)
• Lead-free version available

Applications
• I/O port protection
• EMI filtering for data ports
• Cellphones, notebook computers, PDAs
• Wireless Handsets
• MP3 Players
• Digital Still Cameras
• Handheld PCs




Similar Part No. - CM1203-01CP

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1203 CML-CM1203 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM1203 VCC-CM1203 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
More results


Similar Description - CM1203-01CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPESD301 CALMIRCO-CSPESD301 Datasheet
430Kb / 7P
   1,2 and 3-Channel ESD Arrays in CSP
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
CM1242-33CP ONSEMI-CM1242-33CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
March 2010 ??Rev. 4
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
April 2010 ??Rev. 1
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1204 ONSEMI-CM1204 Datasheet
311Kb / 9P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com