|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4001G - GLASS PASSIVATED RECTIFIER - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GBU6A | GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 | Transys Electronics |
| TS150 | GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER | 1 2 | Transys Electronics |
| ER1000CT | 10A SUPER-FAST GLASS PASSIVATED RECTIFIER | 1 2 3 | Won-Top Electronics |
| GS1A | 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER | 1 2 3 | Won-Top Electronics |
| KBU600G | 6.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| UF800 | 8.0A ULTRAFAST GLASS PASSIVATED RECTIFIER | 1 2 3 | Won-Top Electronics |
| GF15A | SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER | 1 2 | Zowie Technology Corporation |
| RGP30A | SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER | 1 2 | Zowie Technology Corporation |
| DB1012S | SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER | 1 2 | Rectron Semiconductor |
| FM501 | SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER GLASS PASSIVATED SILICON RECTIFIER | 1 2 | Rectron Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|