|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RT9165-80CZ - 150MA 3- TERMINAL POSITIVE REGULATOR - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE1914 | 3 Terminal Positive Voltage Regulator 12V 1A | 1 2 | NTE Electronics |
| NTE1952 | Integrated Circuit Positive 3 Terminal Voltage Regulator Low Dropout Voltage 8V 1A | 1 2 | NTE Electronics |
| NTE1916 | 3 Terminal Positive Voltage Regulator 15V 1.5A | 1 2 | NTE Electronics |
| NTE1953 | Integrated Circuit Positive 3 Terminal Voltage Regulator Low Dropout Voltage 10V 1A | 1 2 | NTE Electronics |
| IP78M05ADP | 3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR | 1 2 | Seme LAB |
| NTE1918 | 3 Terminal Positive Voltage Regulator 15V 3A | 1 2 | NTE Electronics |
| NTE1954 | Integrated Circuit Positive 3 Terminal Voltage Regulator Low Dropout Voltage 12V 1A | 1 2 | NTE Electronics |
| IP78M15ADP | 3 TERMINAL LOW CURRENT 15 VOLT POSITIVE VOLTAGE REGULATOR | 1 2 | Seme LAB |
| NJM7805FA | 3 TERMINAL POSITIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | New Japan Radio |
| NTE1920 | 3 Terminal Positive Voltage Regulator 18V 1.5A | 1 2 | NTE Electronics |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|