Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5646 Datasheet (PDF) - NTE Electronics

NTE5646 Datasheet PDF - NTE Electronics
Part # NTE5646
Download  NTE5646 Download

File Size   18.81 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC - Internally Triggered

NTE5646 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE5646 Datasheet PDF - NTE Electronics

Part # NTE5646
Download  NTE5646 Click to download

File Size   18.81 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC - Internally Triggered

NTE5646 Datasheet (HTML) - NTE Electronics

NTE5646 Datasheet HTML 1Page - NTE Electronics NTE5646 Datasheet HTML 2Page - NTE Electronics

NTE5646 Product details

Description:
The NTE5646 is a TRIAC that includes a diac trigger mounted inside the same package. This device saves the user the added expense of buying a discrete diac and the assembling associated with a gated triac. This device includes a dial trigger mounted inside the same isolated TO220 type package.




Similar Part No. - NTE5646

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5640 NTE-NTE5640 Datasheet
20Kb / 2P
   TRIAC, 2.5A
NTE5643 NTE-NTE5643 Datasheet
20Kb / 2P
   TRIAC, 2.5A
NTE5645 NTE-NTE5645 Datasheet
19Kb / 2P
   TRIAC - 10A Isolated Tab
More results


Similar Description - NTE5646

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX04LT LITTELFUSE-QXX04LT Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXXXXLTX LITTELFUSE-QXXXXLTX Datasheet
762Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching and phase control applications
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
PerkinElmer Optoelectro...
GP-89 PERKINELMER-GP-89 Datasheet
67Kb / 4P
   Triggered Spark Gaps
GPV-63 PERKINELMER-GPV-63 Datasheet
59Kb / 4P
   Triggered Vacuum Gaps
logo
Unisonic Technologies
UD36061G-AG6-R UTC-UD36061G-AG6-R Datasheet
198Kb / 6P
   Internally Compensated
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com