Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE56065 Datasheet (PDF) - NTE Electronics

NTE56065 Datasheet PDF - NTE Electronics
Part # NTE56065
Download  NTE56065 Download

File Size   21.06 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC, 600VRM, 12A, High Commutation

NTE56065 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE56065 Datasheet PDF - NTE Electronics

Part # NTE56065
Download  NTE56065 Click to download

File Size   21.06 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC, 600VRM, 12A, High Commutation

NTE56065 Datasheet (HTML) - NTE Electronics

NTE56065 Datasheet HTML 1Page - NTE Electronics NTE56065 Datasheet HTML 2Page - NTE Electronics

NTE56065 Product details

Description:
The NTE56065 is a glass passivated, high commutation TRIAC in an isolated full–pack type package designed for use in circuits where high static and dynamic dV/dt and high dI/dt can occur. This device will commutate the full rated RMS current at the maximum rated junction temperature, without the aid of a snubber.




Similar Part No. - NTE56065

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5606 NTE-NTE5606 Datasheet
20Kb / 2P
   TRIAC, 4 Amp
NTE56060 NTE-NTE56060 Datasheet
21Kb / 2P
   TRIAC, 16A
NTE56060 NTE-NTE56060 Datasheet
25Kb / 2P
   NTE56058 thru NTE56060 TRIAC, 16A
NTE56063 NTE-NTE56063 Datasheet
21Kb / 2P
   TRIAC, 8A, High Commutation
NTE56064 NTE-NTE56064 Datasheet
21Kb / 2P
   TRIAC, 8A, High Commutation
More results


Similar Description - NTE56065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT1011 ETC-FT1011 Datasheet
144Kb / 4P
   HIGH COMMUTATION TRIAC
logo
NTE Electronics
NTE56066 NTE-NTE56066 Datasheet
20Kb / 2P
   TRIAC, 16A, High Commutation
NTE56070 NTE-NTE56070 Datasheet
20Kb / 2P
   TRIAC, 25A, High Commutation
NTE56063 NTE-NTE56063 Datasheet
21Kb / 2P
   TRIAC, 8A, High Commutation
NTE56068 NTE-NTE56068 Datasheet
21Kb / 2P
   TRIAC, 16A, High Commutation
logo
NXP Semiconductors
BTA316-800ET NXP-BTA316-800ET Datasheet
210Kb / 13P
   16 A three-quadrant high commutation triac
Rev. 01-29 March 2010
logo
NEC
AC12DGM NEC-AC12DGM Datasheet
707Kb / 6P
   12A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX12-600 SEMIHOW-HTX12-600 Datasheet
282Kb / 6P
   600V 12A TRIAC
logo
Hi-Sincerity Mocroelect...
HST12 HSMC-HST12 Datasheet
129Kb / 4P
   TRIAC 600V,12A
logo
Renesas Technology Corp
BCR12FM-14LB RENESAS-BCR12FM-14LB_17 Datasheet
824Kb / 9P
   700V - 12A - Triac
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com