|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SM-10 - 10-Terminal Surface-Mount Case 13.7 X 9.4 mm Nominal Footprint - RF Monolithics, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SMP-03 | 10-Terminal Ceramic Surface-Mount Case 7 x 5 mm Nominal Footprint | 1 2 | RF Monolithics, Inc |
| BAS16WT1 | CASE 419-02 STYLE 2 SC-70/SOT-323 | 1 2 3 4 5 More | Motorola, Inc |
| DTC114YE | CASE 463-01 STYLE 1 SOT-416/SC-90 | 1 2 3 4 5 More | Motorola, Inc |
| CR2-100 | 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES | 1 | Central Semiconductor Corp |
| DD151N | No time-limit set for case temperature during operation | 1 2 3 4 | eupec GmbH |
| LTL-523-11 | Black case enhance contrast ratio | 1 2 3 4 5 More | Lite-On Technology Corporation |
| 1N4775 | 8.5 VOLT NOMINAL ZENER VOLTAGE + 5% | 1 2 | Compensated Deuices Incorporated |
| BP5317 | Surface-mount power supply unit for LCD drivers | 1 2 3 4 | Rohm |
| SI-3025KS | Surface-Mount Low Current Consumption Low Dropout Voltage Dropper Type | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| BAS21LT1 | CASE 318 08 STYLE 8 SOT 23 TO 236AB | 1 2 3 4 | Motorola, Inc |
Datasheet Page |
1 |
Link URL |
|
|