|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NTE5539 - Silicon Controlled Rectifier (SCR) 55 Amps - NTE Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE5427 | Silicon Controlled Rectifier SCR 7 Amp | 1 2 | NTE Electronics |
| NTE5536 | Silicon Controlled Rectifier SCR | 1 2 | NTE Electronics |
| CPS150 | Silicon Controlled Rectifier 25 Amp Sensitive Gate SCR Chip | 1 | Central Semiconductor Corp |
| 2N686 | SILICON CONTROLLED RECTIFIER 25 AMPS 25 THRU 800 VOLTS | 1 2 | Central Semiconductor Corp |
| NTE5437 | Silicon Controlled Rectifier SCR 8 Amp | 1 2 | NTE Electronics |
| NTE5538 | Silicon Controlled Rectifier SCR 800VDRM 50A | 1 2 | NTE Electronics |
| CPS165 | Silicon Controlled Rectifier 35 Amp Sensitive Gate SCR Chip | 1 | Central Semiconductor Corp |
| NTE5440 | Silicon Controlled Rectifier SCR 800V 10A Isolated Tab | 1 2 3 | NTE Electronics |
| NTE5541 | Silicon Controlled Rectifier SCR 35 Amp | 1 2 | NTE Electronics |
| NTE230 | Silicon Controlled Rectifier SCR TV Deflection Circuit | 1 2 | NTE Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|