|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GL528 - 5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE - Sharp Electrionic Components |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GL537 | Φ 5mm Resin Mold Type Infrared Emitting Diode | 1 2 3 | Sharp Electrionic Components |
| GL420 | RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE | 1 2 3 | Sharp Electrionic Components |
| GL360 | 3.2mm RESIN MOLD Type Infrared Light Emltting Diode | 1 2 3 | Sharp Electrionic Components |
| GL450 | BIDIRECTIONAL EMISSION TYPE INFRARED LIGHT EMITTING DIODE | 1 2 3 4 | Sharp Electrionic Components |
| SIR-568ST3F | Infrared light emitting diode top view type | 1 2 3 | Rohm |
| GL4600 | Double Ended Mold Type Infrared Emitting Diode | 1 2 3 4 | Sharp Electrionic Components |
| SIR-56ST3F | Infrared light emitting diode top view type | 1 2 3 | Rohm |
| SIR-34ST3F | Infrared light emitting diode top view type | 1 2 3 4 | Rohm |
| GL390 | Thin Bow Type Resin Mold Package Infrared Emitting Diodes | 1 2 3 4 | Sharp Electrionic Components |
| SIM-20ST | Infrared light emitting diode side-view type | 1 2 3 | Rohm |
Datasheet Page |
1 2 3 |
Link URL |
|
|