|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FSS13 - 1 Amp. Surface Mounted Schottky Barrier Rectifier - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FSS22 | 2 Amp. Surface Mounted Schottky Barrier Rectifier | 1 2 3 | List of Unclassifed Manufacturers |
| FSS32 | 3 Amp. Surface Mounted Schottky Barrier Rectifier | 1 2 | List of Unclassifed Manufacturers |
| SK12 | 1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS | 1 2 3 4 | Jinan Gude Electronic Device |
| FRS1A | 1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier | 1 2 | List of Unclassifed Manufacturers |
| SL32 | LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Pan Jit International Inc. |
| SK32 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Transys Electronics |
| SD820CS | 8.0A KPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| SS12 | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| SK12 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 | Shanghai Sunrise Electronics |
| SM5817 | TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Dc Components |
Datasheet Page |
1 2 |
Link URL |
|
|