Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C474-25LMB Datasheet (PDF) - Cypress Semiconductor

CY7C474-25LMB Datasheet PDF - Cypress Semiconductor
Part # CY7C474-25LMB
Download  CY7C474-25LMB Download

File Size   270.03 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags

CY7C474-25LMB Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C474-25LMB Datasheet PDF - Cypress Semiconductor

Part # CY7C474-25LMB
Download  CY7C474-25LMB Click to download

File Size   270.03 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags

CY7C474-25LMB Datasheet (HTML) - Cypress Semiconductor

Back Button CY7C474-25LMB Datasheet HTML 1Page - Cypress Semiconductor CY7C474-25LMB Datasheet HTML 2Page - Cypress Semiconductor CY7C474-25LMB Datasheet HTML 3Page - Cypress Semiconductor CY7C474-25LMB Datasheet HTML 4Page - Cypress Semiconductor CY7C474-25LMB Datasheet HTML 5Page - Cypress Semiconductor CY7C474-25LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C474-25LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C474-25LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C474-25LMB Datasheet HTML 9Page - Cypress Semiconductor CY7C474-25LMB Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C474-25LMB Product details

Functional Description
The CYC47X FIFO series consists of high-speed, low-power, first-in first-out (FIFO) memories with programmable flags and retransmit mark. The CY7C470, CY7C472, and CY7C474 are 8K, 16K, and 32K words by 9 bits wide, respectively. They are offered in 600-mil DIP, PLCC, and LCC packages. Each FIFO memory is organized such that the data is read in the same sequential order that it was written.

Features
• 8K x 9, 16K x 9, and 32K x 9 FIFO buffer memory
• Asynchronous read/write
• High-speed 33.3-MHz read/write independent of depth/width
• Low operating power
   — ICC (max.) = 70 mA
• Programmable Almost Full/Empty flag
• Empty, Almost Empty, Half Full, Almost Full, and Full status flags
• Programmable retransmit
• Expandable in width
• 5V ± 10% supply
• TTL compatible
• Three-state outputs
• Proprietary 0.8-micron CMOS technology




Similar Part No. - CY7C474-25LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results


Similar Description - CY7C474-25LMB

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
   CMOS 512 x 9 FIFO
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com