|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
74HCT08N - Quad 2-input AND gate - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TC74LCX32F | LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS | 1 2 3 4 5 More | Toshiba Semiconductor |
| 74LCX08 | Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs | 1 2 3 4 5 More | Fairchild Semiconductor |
| DM74ALS09 | Quad 2-Input AND Gate with Open Collector Outputs | 1 2 3 4 | Fairchild Semiconductor |
| ACS08MS | Radiation Hardened Quad 2-Input AND Gate | 1 2 | Intersil Corporation |
| IN74HC08 | Quad 2-Input AND Gate | 1 2 3 4 | Integral Corp. |
| IN74VHC08 | Quad 2-Input AND Gate | 1 2 3 4 5 More | Integral Corp. |
| MC74LCX08 | LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE | 1 2 3 4 5 More | Motorola, Inc |
| CD4071BM | Quad 2-Input OR AND Buffered B Series Gate | 1 2 3 4 5 More | National Semiconductor |
| 74ALVC32 | Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs | 1 2 3 4 5 | Fairchild Semiconductor |
| 74VHCT08A | Quad 2-Input AND Gate | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 |
Link URL |
|
|