|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
21-0147C - PACKAGE OUTLINE, 6L UDFN, 1.5 X 1.0 X 0.8mm - Maxim Integrated Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SOT527-1 | Package outline | 1 | NXP Semiconductors |
| 8SOIC | 8 PIN SOIC PACKAGE OUTLINE | 1 | SMSC Corporation |
| AM100 | 1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE | 1 2 | Transys Electronics |
| COM117T | COTS COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE | 1 2 | List of Unclassifed Manufacturers |
| PMEG3015EV | 30 V 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package | 1 2 3 4 5 More | NXP Semiconductors |
| PSC4039 | PA/PAG PACKAGE OUTLINE 6.10MM BODY WIDTH TTSOP .50MM PITCH | 1 2 | Integrated Device Technology |
| 48TQFP | 48 PIN TQFP/TQN PACKAGE OUTLINE | 1 | SMSC Corporation |
| TO263 | Package Outline Drawing Transistor Outline | 1 2 | List of Unclassifed Manufacturers |
| SOT684-2 | Package outline | 1 | NXP Semiconductors |
| SOT347 | SOT347 Package outline | 1 | NXP Semiconductors |
Datasheet Page |
1 |
Link URL |
|
|