|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NTE5010T1 - Zener Diode, 500mW ±1% Tolerance - NTE Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CMHZ4099 | LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CMHZ4614 | 500mW LOW NOISE ZENER DIODE 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CMHZ4678 | LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CMHZ5221B | SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CLL4099 | LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CLL4614 | 500mW LOW NOISE ZENER DIODE 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CLL4678 | LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CLL4729A | 1.0W ZENER DIODE 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| CMPZ4099 | LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| 1N5221B | 500mW EPITAXIAL ZENER DIODE | 1 2 | Diodes Incorporated |
Datasheet Page |
1 |
Link URL |
|
|