|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
NTE5000A - Zener Diode, 1/2 Watt กพ5% Tolerance - NTE Electronics |
|
Click NTE5000A to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| NTE5061A | Zener Diode 1 Watt กพ5% Tolerance | NTE Electronics |
| NTE5111A | Zener Diode 5 Watt กพ5% Tolerance | NTE Electronics |
| NTE5174A | Zener Diode 10 Watt กพ5% Tolerance | NTE Electronics |
| CMZ5921B | SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT 6.8 THRU 200 VOLTS กพ 5% TOLERANCE | Central Semiconductor Corp |
| NTE5005SM | Zener Diode 300mW กพ5% Tolerance | NTE Electronics |
| NTE5240A | 50 Watt Zener Diodes กพ5% Tolerance | NTE Electronics |
| CMHZ4678 | LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW 5% TOLERANCE | Central Semiconductor Corp |
| 1N4728 | 1.0 Watt Zener Diode 3.3 to 100 Volts | Micro Commercial Components |
| CMHZ5221B | SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW 5% TOLERANCE | Central Semiconductor Corp |
| CMKZ5221B | SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON ZENER DIODE 5% TOLERANCE | Central Semiconductor Corp |
Link URL |
|
|
Related keyword |
| NTE5000A Datasheet | NTE5000A Cross Reference | NTE5000A Schematic | NTE5000A Distributor | NTE5000A Datenblatt | NTE5000A RoHS |
| NTE5000A Equivalent | NTE5000A Application Notes | NTE5000A Data Sheet | NTE5000A component | NTE5000A Fiche Technique | NTE5000A Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |