Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE365 Datasheet (PDF) - NTE Electronics

NTE365 Datasheet PDF - NTE Electronics
Part # NTE365
Download  NTE365 Download

File Size   20.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output PO = 15W @ 512MHz

NTE365 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE365 Datasheet PDF - NTE Electronics

Part # NTE365
Download  NTE365 Click to download

File Size   20.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output PO = 15W @ 512MHz

NTE365 Datasheet (HTML) - NTE Electronics

NTE365 Datasheet HTML 1Page - NTE Electronics NTE365 Datasheet HTML 2Page - NTE Electronics

NTE365 Product details

Description:
The NTE365 is a silicon NPN transistor designed for 12.5 Volt UHF large–signal amplifier applications in industrial and commercial FM equipment operating to 512MHz.

Features:
● Specified 12.5 Volt, 470MHz Characteristic:
    Output Power = 15 Watts
    Minimum Gain = 7.8dB
    Efficiency = 55%
● Characterized with Series Equivalent Large–Signal Impedance Parameters
● Built–In Matching Network for Broadband Operation
● Tested for Load Mismatch Stress at all Phase Angles with 20:1 VSWR @ 16–volt High Line and Overdrive




Similar Part No. - NTE365

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE36 NTE-NTE36 Datasheet
23Kb / 2P
   Silicon Complementary Transistors AF Power Amplifier, High Current Switch
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE362 NTE-NTE362 Datasheet
72Kb / 2P
   Silicon NPN Transistor RF Power
NTE363 NTE-NTE363 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Amp, PO = 4W
More results


Similar Description - NTE365

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE366 NTE-NTE366 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
NTE368 NTE-NTE368 Datasheet
21Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 60W @ 512MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE354 NTE-NTE354 Datasheet
20Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 15W @ 175MHz
NTE367 NTE-NTE367 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Amplifier PO = 45W @ 512MHz
NTE480 NTE-NTE480 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Output for Broadband Amp, PO = 40W @ 512MHz
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
   Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com